Part Number Hot Search : 
1020C 2417K4A C3051 MGFS45V 2CLG15KV 22810 TL431AP LM317L
Product Description
Full Text Search
 

To Download FA510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 www.foxonline.com emea tel: +44 .1283.568153 | canada +1.888.438.2369 | asia hong kong tel: +852.2854.4285 | japan tel: +81.3.3374.2079 ? 2012 fox electronics | iso9001:2008 certified features ? aec-q200 qualified ? ts-16949 certified ? temperature range from -40 oc ~ +125oc ? seam seal ? tape and reel (1,000 pcs. std) frequency stability 1 100ppm 100ppm 50ppm 50ppm 25ppm operating temperature (oc) -40 ~ +85 -40 ~ +125 -40 ~ +85 -40 ~ +125 -40 ~ +85 frequency range (mhz) 2.000 ~ 48.000 2.000 ~ 48.000 2.000 ~ 48.000 2.000 ~ 48.000 2.000 ~ 48.000 FA510r FA510 fa515r fa515 fa516r model number 1 inclusive of 25oc tolerance, operating temperature range. 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. 3 45/55 symmetry available on an inquiry basis. notes: a 0.01f bypass capacitor should be placed between v dd (pin 4) and gnd (pin 2) to minimize power supply line noise. dimensional drawing is for reference to critical specifications defined by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifications subject to change without notice. 2.000 ~ 48.000 mhz -55oc ~ +150oc 1.8v 5% 5 ma 6 ma 15 ma 40% ~ 60% 3 6.5ns 10% v dd 90% v dd min 2ma min -2ma min 15pf 10a 10ms 100ns 10ms 5 ppm 260oc / 10 seconds 1 au parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) 2.000 ~ 9.999999 mhz 10.000 ~ 31.999999 mhz 32.000 ~ 48.000 mhz output symmetry (50% v dd ) rise/fall time (10% ~ 90% v dd l evels ) output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (hcmos) standby current (i st ) start-up time (t s ) output disable time 2 output enable time 2 aging (per year @ 25c) m aximum soldering temp / time moisture sensitivity level (msl) termination finish ? electrical characteristics max (unless otherwise noted) output (pin 3) active active high z ? enable / disable function (pin 1) open 2 '1' level v ih 80% v dd '0' level v il 20% v dd part number 552a-frequency-xxxxx 551a-frequency-xxxxx 554a-frequency-xxxxx 553a-frequency-xxxxx 556a-frequency-xxxxx ? part number selection 1.8v hcmos automotive grade smd oscillator rev. 2/27/2012 rohs compliant / pb free / reach compliant http://www.foxonline.com/need_a_sample.htm model: FA510 series page 1 of 2 5.2 max 1.3 max s older pad layout recommended 3.4 max 2.54 1.2 pin connec tions #1 e/d #2 gnd #3 output #4 v dd 1.0 2.25 1.24 2.54 1.29 # 1 # 2 # 4 # 3 # 1 # 2 # 3 # 4 # 1
71 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 www.foxonline.com emea tel: +44 .1283.568153 | canada +1.888.438.2369 | asia hong kong tel: +852.2854.4285 | japan tel: +81.3.3374.2079 ? 2012 fox electronics | iso9001:2008 certified ? tape specificatio ns (millimeters) model FA510 series a ?1.5 b 4.0 c 8.0 d 5.5 e 12.0 f 1.5 std reel qty 1,000 ? reel specificatio ns (millimeters) g 2.0 h ?13 i ?21 j ?62 k ?180 l 13.5 m 2.0 model FA510 series 1.8v hcmos automotive grade smd oscillator rev. 2/27/2012 rohs compliant / pb free / reach compliant http://www.foxonline.com/need_a_sample.htm model: FA510 series page 2 of 2


▲Up To Search▲   

 
Price & Availability of FA510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X